Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G961 Datasheet (PDF) - Global Mixed-mode Technology Inc

G961 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G961
Download  G961 Download
File Size   231.58 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1A Low Dropout Regulator with Enable

G961 Datasheet (PDF)

Go To PDF Page Download Datasheet
G961 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G961
Download  G961 Click to download

File Size   231.58 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1A Low Dropout Regulator with Enable

G961 Datasheet (HTML) - Global Mixed-mode Technology Inc


G961 Product details

General Description
The G961 is a high performance positive voltage regulator designed for use in applications requiring very low dropout voltage at up to 1 Amps. Since it has superior dropout characteristics compared to regular LDOs, it can be used to supply 2.5V on motherboards or 1.5V, 1.8V on peripheral cards from the 3.3V supply thus allowing the elimination of costly heatsinks. An enable pin further reduces power dissipation while shut down. The G961 provides excellent regulation over variations in line, load and temperature.
The SOT-89-5 is available with 1.5V, 1.8V and 2.5V internally preset outputs that are also adjustable using external resistors.

Features
■ Adjustable Output from 1.2V to 4.8V Using External Resistors
■ 1.5V, 1.8V and 2.5V Options by Setting ADJ Pin Below 0.2V
■ Over current and over temperature protection
■ 400mV dropout @1A
■ Enable pin
■ 10µA quiescent current in shutdown
■ SOT-89-5 Package

Applications
■ Battery powered systems
■ Motherboards
■ Peripheral cards
■ Network cards
■ Set Top Boxes
■ Medical Equipment
■ Notebook Computers




Similar Part No. - G961

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
G9611AP1T GMT-G9611AP1T Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
G9611AP1U GMT-G9611AP1U Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
G9611BP1T GMT-G9611BP1T Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
G9611BP1U GMT-G9611BP1U Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
More results


Similar Description - G961

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Silicon Standard Corp.
SS8061G SSC-SS8061G Datasheet
606Kb / 6P
1A Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
logo
ON Semiconductor
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
logo
Global Mixed-mode Techn...
G964 GMT-G964 Datasheet
41Kb / 1P
1A Low Dropout Regulator with Enable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
2.5V 1A Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 2
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com