Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1201 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1201 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1201
Download  G1201 Download
File Size   258.86 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers

G1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1201 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1201
Download  G1201 Click to download

File Size   258.86 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers

G1201 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1201 Product details

General Description
The G1201 is dual rail-to-rail input and output single-supply amplifiers featuring 100mA output drive current. This high output current makes these amplifiers excellent for driving either resistive or capacitive loads. AC performance is very good with 3.5MHz bandwidth, 6.2V/µs-slew rate and low distortion. All are guaranteed to operate from a +3 volt single supply as well as a +5 volt supply.
The very low input bias currents enable the G1201 to be used for integrators and diode amplification and other applications requiring low input bias current. Allowing low current applications to control high current loads.
Applications include audio amplification for computers, sound ports, sound cards and set-top boxes. The G1201 is very stable and capable of driving heavy capacitive loads.
The ability to swing rail-to-rail at the inputs and outputs enables designers to buffer CMOS ADC/DACs, ASICs or other wide output swing devices in single-supply systems.

Features
■ Single-Supply Operation: 2.2 Volts to 6 Volts
■ High Output Current: ±100mA
■ Wide Bandwidth: 3.5 MHz
■ Slew Rate: 6.2 V/µs
■ No Phase Reversal
■ Unity Gain Stable
■ Rail-to-Rail Input and Output

Applications
■ Multimedia Audio
■ LCD Driver
■ ASIC Input or Output Amplifier
■ Headphone Driver




Similar Part No. - G1201

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201 GMT-G1201 Datasheet
232Kb / 9P
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1201A GMT-G1201A Datasheet
398Kb / 1P
Output Rail-to-Rail
G1201P1U GMT-G1201P1U Datasheet
232Kb / 9P
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1201P1UF GMT-G1201P1UF Datasheet
232Kb / 9P
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1201 GMT-G1201_05 Datasheet
232Kb / 9P
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
More results


Similar Description - G1201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Global Mixed-mode Techn...
G1211 GMT-G1211 Datasheet
212Kb / 6P
Rail-to-Rail I/O, 100mA Output Op Amp
G1201 GMT-G1201_05 Datasheet
232Kb / 9P
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
logo
Texas Instruments
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
Single-Supply, Rail-to-Rail I/O Operational Amplifier
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
Power Supply Rail to Rail I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com