Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43143 Datasheet (PDF) - Renesas Technology Corp

ISL43143 Datasheet PDF - Renesas Technology Corp
Part # ISL43143
Download  ISL43143 Download
File Size   990.86 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches

ISL43143 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43143 Datasheet PDF - Renesas Technology Corp

Part # ISL43143
Download  ISL43143 Click to download

File Size   990.86 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches

ISL43143 Datasheet (HTML) - Renesas Technology Corp


ISL43143 Product details

The Intersil ISL43143–ISL43145 devices are CMOS, precision, quad SPST analog switches designed to operate from a single +2V to +12V supply or from a ±2V to ±6V supply. Targeted applications include battery powered equipment that benefit from the devices’ low power consumption (<1μW), low leakage currents (5nA max), and fast switching speeds (tON = 52ns, tOFF = 40ns). A 5Ω maximum RON flatness ensures signal fidelity, while channel-to-channel mismatch is guaranteed to be less than 2 Ω.

Features
• Fully Specified for 10% Tolerances at VS = ±5V and V+ = 12V, 5V and 3.3V
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411/DG412/DG413
• ON Resistance (RON Max.) . . . . . . . . . . . . . . . . . . . . 25Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <1 Ω
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<1μW
• Low Off Leakage Current (Max at 85°C) . . . . . . . . . 2.5nA
• Fast Switching Action
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
    - Barcode Scanners
    - Laptops, Notebooks, Palmtops
• Communications Systems
    - Radios
    - XDSL and PBX / PABX
    - RF “Tee” Switches
    - Base Stations
• Test Equipment
    - Medical Ultrasound
    - Electrocardiograph
    - ATE
• Audio and Video Switching
• General Purpose Circuits
    - +3V/+5V DACs and ADCs
    - Digital Filters
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing




Similar Part No. - ISL43143

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
May 2003
ISL43143 INTERSIL-ISL43143 Datasheet
526Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
December 1, 2005
ISL43143 INTERSIL-ISL43143 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL43143 INTERSIL-ISL43143 Datasheet
498Kb / 16P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL43143IR INTERSIL-ISL43143IR Datasheet
470Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
May 2003
More results


Similar Description - ISL43143

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
November 2002
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
May 2003
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
December 1, 2005
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com