Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84521 Datasheet (PDF) - Renesas Technology Corp

ISL84521 Datasheet PDF - Renesas Technology Corp
Part # ISL84521
Download  ISL84521 Download
File Size   700.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches

ISL84521 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84521 Datasheet PDF - Renesas Technology Corp

Part # ISL84521
Download  ISL84521 Click to download

File Size   700.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches

ISL84521 Datasheet (HTML) - Renesas Technology Corp


ISL84521 Product details

Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches

The Intersil ISL84521, ISL84523, ISL84523 devices are CMOS, precision, quad analog switches designed to operate from a single +2V to +12V supply or from a ±2V to ±6V supply. Targeted applications include battery powered equipment that benefit from the devices’ low power consumption (<1μW), low leakage currents (1nA max), and fast switching speeds (tON = 45ns, tOFF = 15ns). A12Ω maximum RON flatness ensures signal fidelity, while channel-to-channel mismatch is guaranteed to be less than 4Ω.

Features
• Drop-in Replacements for MAX4521 - MAX4523
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411, DG412, DG413
• ON Resistance (RON Max.) . . . . . . . . . . . . . . . . . . . 100Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <1Ω
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<1μW
• Low Leakage Current (Max at 85oC) . . . . . . . . . . . . 10nA
• Fast Switching Action
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• Break before Make Timing
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-free available

Applications
• Battery Powered, Handheld, and Portable Equipment
    - Cellular/Mobile Phones
    - Pagers
    - Laptops, Notebooks, Palmtops
• Communications Systems
    - Military Radios
    - RF “Tee” Switches
• Test Equipment
    - Ultrasound
    - Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
    - +3V/+5V DACs and ADCs
    - Digital Filters
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing




Similar Part No. - ISL84521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
ISL84521 INTERSIL-ISL84521 Datasheet
363Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
August 2004
ISL84521 INTERSIL-ISL84521 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL84521 INTERSIL-ISL84521 Datasheet
388Kb / 13P
Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
ISL84521IB INTERSIL-ISL84521IB Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
More results


Similar Description - ISL84521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
November 2002
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
June 2003
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
August 2004
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
August 2004
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
ISL84521IBZ INTERSIL-ISL84521IBZ Datasheet
388Kb / 13P
Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com