Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90841 Datasheet (PDF) - Renesas Technology Corp

ISL90841 Datasheet PDF - Renesas Technology Corp
Part # ISL90841
Download  ISL90841 Download
File Size   1320.09 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C

ISL90841 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90841 Datasheet PDF - Renesas Technology Corp

Part # ISL90841
Download  ISL90841 Click to download

File Size   1320.09 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C

ISL90841 Datasheet (HTML) - Renesas Technology Corp


ISL90841 Product details

Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C

The ISL90841 integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated Wiper Register (WR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper.

Features
• Four potentiometers in one package
• 256 resistor taps - 0.4% resolution
• I2C serial interface
• Wiper resistance: 70Ω typical @ 3.3V
• Standby current <5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ, 10kΩ total resistance
• 14 Lead TSSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL90841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
August 1, 2005
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL90841UIV1427 INTERSIL-ISL90841UIV1427 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
August 1, 2005
ISL90841UIV1427Z INTERSIL-ISL90841UIV1427Z Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
August 1, 2005
ISL90841UIV1427Z INTERSIL-ISL90841UIV1427Z Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
More results


Similar Description - ISL90841

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
Quad Digitally Controlled Potentiometers (XDCP)
X9400 XICOR-X9400 Datasheet
150Kb / 22P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
Quad Digitally Controlled (XDCP?? Potentiometers
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com