Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90841 Datasheet (PDF) - Intersil Corporation

ISL90841 Datasheet PDF - Intersil Corporation
Part # ISL90841
Download  ISL90841 Download
File Size   1126.26 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C Bus, 256 Taps

ISL90841 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90841 Datasheet PDF - Intersil Corporation

Part # ISL90841
Download  ISL90841 Click to download

File Size   1126.26 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C Bus, 256 Taps

ISL90841 Datasheet (HTML) - Intersil Corporation


ISL90841 Product details

Low Noise, Low Power I2C® Bus, 256 Taps

The ISL90841 integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated Wiper Register (WR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper.

Features
• Four potentiometers in one package
• 256 resistor taps - 0.4% resolution
• I2C serial interface
• Wiper resistance: 70Ω typical @ 3.3V
• Standby current <5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ, 10kΩ total resistance
• 14 Lead TSSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL90841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL90841 RENESAS-ISL90841 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C
logo
Intersil Corporation
ISL90841UIV1427Z INTERSIL-ISL90841UIV1427Z Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
logo
Renesas Technology Corp
ISL90841UIV1427Z RENESAS-ISL90841UIV1427Z Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C
logo
Intersil Corporation
ISL90841WIV1427Z INTERSIL-ISL90841WIV1427Z Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
More results


Similar Description - ISL90841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
Low Noise/Low Power/I2C Bus/256 Taps
October 13, 2005
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
July 27, 2005
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
Low Noise, Low Power, I2C Bus, 256 Taps
June 14, 2005
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
Low Noise, Low Power I2C Bus, 256 Taps
September 19, 2006
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com