Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-0805 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-0805 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-0805
Download  HLMP-0805 Download
File Size   192.82 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps

HLMP-0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-0805 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-0805
Download  HLMP-0805 Click to download

File Size   192.82 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps

HLMP-0805 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HLMP-0805 Product details

Description
The T-1 3/4 HLMP-40xx and 2 mm by 5 mm rectangular
HLMP-08xx are three leaded bicolor light sources designed for a variety of applications where dual state illumination is required in the same package. There are two LED chips, mounted on a central common cathode lead for maximum on-axis viewability. Colors between the two chips can be generated by independently pulse width modulating the LED chips.

Features
• Two color operation
• Three leads with one common cathode
• Option of straight or spread leads configuration
• Diffused, wide visibility range




Similar Part No. - HLMP-0805

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0805 HP-HLMP-0805 Datasheet
159Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-0805 BOARDCOM-HLMP-0805 Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Similar Description - HLMP-0805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-4000 HP-HLMP-4000 Datasheet
154Kb / 4P
T-13/4, 2 mm X 5 mm Rectangular Bicolor LED Lamps High Efficiency Red/ High Performance Green
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
2 mm x 5 mm Rectangular LED Lamps
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com