Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-0805 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-0805 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-0805
Download  HLMP-0805 Download
File Size   159.1 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps

HLMP-0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-0805 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-0805
Download  HLMP-0805 Click to download

File Size   159.1 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps

HLMP-0805 Datasheet (HTML) - Agilent(Hewlett-Packard)


HLMP-0805 Product details

Description
The T-1 3/4 HLMP-40xx and 2 mm by 5 mm rectangular HLMP-08xx are three leaded bicolor light sources designed for a variety of applications where dual state illumination is required in the same package. There are two LED chips, mounted on a central common cathode lead for maximum on-axis viewability. Colors between the two chips can be generated by independently pulse width modulating the LED chips.

Features
• Two color operation
• Three leads with one common cathode
• Option of straight or spread leads configuration
• Diffused, wide visibility range




Similar Part No. - HLMP-0805

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0805 AVAGO-HLMP-0805 Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-0805 BOARDCOM-HLMP-0805 Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Similar Description - HLMP-0805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-4000 HP-HLMP-4000 Datasheet
154Kb / 4P
T-13/4, 2 mm X 5 mm Rectangular Bicolor LED Lamps High Efficiency Red/ High Performance Green
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
2 mm x 5 mm Rectangular LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com