Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK42S60L Datasheet (PDF) - Alpha & Omega Semiconductors

AOK42S60L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK42S60L
Download  AOK42S60L Download
File Size   507.41 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 39A a MOS

AOK42S60L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK42S60L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK42S60L
Download  AOK42S60L Click to download

File Size   507.41 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 39A a MOS

AOK42S60L Datasheet (HTML) - Alpha & Omega Semiconductors


AOK42S60L Product details

General Description
The AOK42S60 has been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability this device can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOK42S60L

Product Summary
   VDS @ Tj,max   700V
   IDM                    166A
   RDS(ON),max 0.099Ω
   Qg,typ                40nC
   Eoss @ 400V    9.2µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOK42S60L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK42S60L ISC-AOK42S60L Datasheet
612Kb / 5P
N-Channel MOSFET
More results


Similar Description - AOK42S60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK42S60 AOSMD-AOK42S60 Datasheet
275Kb / 6P
600V 39A a MOS Power Transistor
AOB27S60L AOSMD-AOB27S60L Datasheet
542Kb / 7P
600V 27A a MOS
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
600V 11A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
600V 20A a MOS
AOK27S60L AOSMD-AOK27S60L Datasheet
478Kb / 6P
600V 27A a MOS
AOT11S60L AOSMD-AOT11S60L Datasheet
508Kb / 7P
600V 11A a MOS
AOT42S60L AOSMD-AOT42S60L Datasheet
511Kb / 6P
600V 37A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com