Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR293PFRA Datasheet (PDF) - Rohm

2SCR293PFRA Datasheet PDF - Rohm
Part # 2SCR293PFRA
Download  2SCR293PFRA Download
File Size   1446.74 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (30V / 1A)

2SCR293PFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR293PFRA Datasheet PDF - Rohm

Part # 2SCR293PFRA
Download  2SCR293PFRA Click to download

File Size   1446.74 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (30V / 1A)

2SCR293PFRA Datasheet (HTML) - Rohm




Similar Part No. - 2SCR293PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (30V / 1A)
More results


Similar Description - 2SCR293PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-30V/-2A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-50V / -1A)
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -5A)
2SAR552PFRA ROHM-2SAR552PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -3A)
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (30V / 1A)
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 2A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 1A)
2SCR552PFRA ROHM-2SCR552PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 3A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com