Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB7S65L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB7S65L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB7S65L
Download  AOB7S65L Download
File Size   557.01 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 7A a MOS

AOB7S65L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB7S65L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB7S65L
Download  AOB7S65L Click to download

File Size   557.01 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 7A a MOS

AOB7S65L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB7S65L Product details

General Description
The AOT7S65L & AOB7S65L & AOTF7S65L & AOTF7S65 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS @ Tj,max  750V
   IDM                     30A
   RDS(ON),max 0.65Ω
   Qg,typ              9.2nC
   Eoss @ 400V      2µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOB7S65L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB7S65L ISC-AOB7S65L Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB7S65L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
600V 7A a MOS Power Transistor
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
650V 7A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
logo
Shenzhen Foster Semicon...
FIR7NS65ABPG FOSTER-FIR7NS65ABPG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65AFG FOSTER-FIR7NS65AFG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65ALG FOSTER-FIR7NS65ALG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com