Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB7S65L Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOB7S65L
Description  650V 7A a MOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB7S65L Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOB7S65L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB7S65L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
3
6
9
12
15
Q
g (nC)
Figure 8: Gate-Charge Characteristics
V
DS=480V
I
D=3.5A
0
1
10
100
1000
10000
0
100
200
300
400
500
600
V
DS (Volts)
Figure 9: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 11: Maximum Forward Biased Safe
Operating Area for AOT(B)7S65L (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 12: Maximum Forward Biased Safe
Operating Area for AOTF7S65 (Note F)
10
µs
10ms
1ms
0.1s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
1s
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 7: Body-Diode Characteristics (Note E)
25
°
C
125
°
C
0
1
2
3
4
5
0
100
200
300
400
500
600
V
DS (Volts)
Figure 10: Coss stored Energy
E
oss
Rev.3.0 Sepetember 2017
www.aosmd.com
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com