Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC164245 Datasheet (PDF) - Integrated Device Technology

IDT74ALVC164245 Datasheet PDF - Integrated Device Technology
Part # IDT74ALVC164245
Download  IDT74ALVC164245 Download
File Size   86.04 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS

IDT74ALVC164245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74ALVC164245 Datasheet PDF - Integrated Device Technology

Part # IDT74ALVC164245
Download  IDT74ALVC164245 Click to download

File Size   86.04 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS

IDT74ALVC164245 Datasheet (HTML) - Integrated Device Technology


IDT74ALVC164245 Product details

DESCRIPTION:
This 16-bit 3.3V to 5V level shifting transceiver is manufactured using advanced dual metal CMOS technology. The ALVC164245 contains two separate supply rails; B port has VCCB, which is set at 5V, and A port has VCCA, which is set to operate at 3.3V. This allows for translation from a 3.3V to 5V environment and vice-versa. This device is designed for asynchronous communication between data buses.
The ALVC164245 has been designed with a ±24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance.

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0)
• VCCA = 2.7V to 3.6V
• VCCB = 5V ± 0.5V
• CMOS power levels (0.4μ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP and TSSOP packages

DRIVE FEATURES:
• High Output Drivers: ±24mA
• Suitable for heavy loads

APPLICATIONS:
• Mixed 3.3V and 5V High Speed Systems
• 5V PCI Interface to 3.3V PC Bus Structures
• Telecommunication Legacy Systems with transitions from 5V to 3.3V




Similar Part No. - IDT74ALVC164245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
97Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
logo
Integrated Device Techn...
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - IDT74ALVC164245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PI74AVC164245LA PERICOM-PI74AVC164245LA Datasheet
334Kb / 10P
16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245_09 Datasheet
98Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING RANSCEIVER
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com