|
[Novatek]
General Description
The NT3980 is a data driver IC for a color TFT LCD panel, XGA and SXGA applications. It receives 8 bit per-pixel digital display data,and generates output voltage for 256 grayscales ,enabling a maximum of 16.77M display colors. For better performance, dot inversion and a wide range voltage output, 10V, are designed in this chip, and for reducing EMI, data inversion control is used. This chip supplies 10 sections of voltage -reference for Gamma correction.
Features
■ Output: 384 output channels
■ 8-bit resolution /256 gray scales
■ Dot inversion with polarity control
■ V1 ~ V10 for adjusting Gamma correction
■ Power for analog circuit: 7 ~ 10V
■ Output dynamic range: 0.1V ~ AVDD-0.1
■ Power consumption of analog circuit: 6mA
■ Operating frequency: 70MHz(Vcc:3.0V~3.6V)
45MHz(Vcc:2.5V~3.0V)
■ Output deviation: ±2mv
■ Data inversion for reducing EMI
■ Cascade function with bi-direction shift control
■ CMOS silicon gate ( p-type substrate )
■ TCP package
|