Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP2105L Datasheet (PDF) - ON Semiconductor

NUP2105L Datasheet PDF - ON Semiconductor
Part # NUP2105L
Download  NUP2105L Download
File Size   57.64 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line CAN Bus Protector

NUP2105L Datasheet (PDF)

Go To PDF Page Download Datasheet
NUP2105L Datasheet PDF - ON Semiconductor

Part # NUP2105L
Download  NUP2105L Click to download

File Size   57.64 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Line CAN Bus Protector

NUP2105L Datasheet (HTML) - ON Semiconductor


NUP2105L Product details

Dual Line CAN Bus Protector



The SZ/NUP2105L has been designed to protect the CAN transceiver in high−speed and fault tolerant networks from ESD and other harmful transient voltage events. This device provides bidirectional protection for each data line with a single compact SOT−23 package, giving the system designer a low cost option for improving system reliability and meeting stringent EMI requirements.



Features

• 350 W Peak Power Dissipation per Line (8/20 μsec Waveform)

• Low Reverse Leakage Current (< 100 nA)

• Low Capacitance High−Speed CAN Data Rates

• IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4

   − IEC 61000−4−4 (EFT): 40 A – 5/50 ns

   − IEC 61000−4−5 (Lighting) 8.0 A (8/20 μs)

• ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 9.5 A (1/50 μs)

• ISO 7637−3, Repetitive Electrical Fast Transient (EFT) EMI Surge Pulses, 50 A (5/50 ns)

• Flammability Rating UL 94 V−0

• SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable

• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Applications

• Industrial Control Networks

   ♦ Smart Distribution Systems (SDS®)

   ♦ DeviceNet™

• Automotive Networks

   ♦ Low and High−Speed CAN

   ♦ Fault Tolerant CAN



 




Similar Part No. - NUP2105L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
77Kb / 8P
Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2105L ONSEMI-NUP2105L Datasheet
75Kb / 7P
Dual Line CAN Bus Protector
April, 2017 ??Rev. 8
logo
Diotec Semiconductor
NUP2105L DIOTEC-NUP2105L Datasheet
191Kb / 2P
ESD Protection Diodes in SMD
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
logo
Diotec Semiconductor
NUP2105L-AQ DIOTEC-NUP2105L-AQ Datasheet
191Kb / 2P
ESD Protection Diodes in SMD
More results


Similar Description - NUP2105L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com