Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP2105L Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NUP2105L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NUP2105L
Download  NUP2105L Download
File Size   397.03 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual Line CAN Bus Protector

NUP2105L Datasheet (PDF)

Go To PDF Page Download Datasheet
NUP2105L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NUP2105L
Download  NUP2105L Click to download

File Size   397.03 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual Line CAN Bus Protector

NUP2105L Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NUP2105L Product details

Features
350 W Peak Power Dissipation per Line (8 x 20sec Waveform)
Low Reverse Leakage Current (< 100 nA)
Low Capacitance High−Speed CAN Data Rates
IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4
− IEC 61000−4−4 (EFT): 40 A – 5/50ns
− IEC 61000−4−5 (Lighting) 8.0 A (8/20μs)
ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 9.5 A
(1 x 50μs)
ISO 7637−3, Repetitive Electrical Fast Transient (EFT)
EMI Surge Pulses, 50 A (5 x 50 ns)
Flammability Rating UL 94 V−0
AEC−Q101 Qualified and PPAP Capable
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
Pb−Free Packages are Available*

Applications
Industrial Control Networks
Smart Distribution Systems (SDS)
DeviceNet
Automotive Networks
Low and High−Speed CAN
Fault Tolerant CAN




Similar Part No. - NUP2105L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
NUP2105L ONSEMI-NUP2105L Datasheet
77Kb / 8P
Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2105L ONSEMI-NUP2105L Datasheet
75Kb / 7P
Dual Line CAN Bus Protector
April, 2017 ??Rev. 8
logo
Diotec Semiconductor
NUP2105L DIOTEC-NUP2105L Datasheet
191Kb / 2P
ESD Protection Diodes in SMD
NUP2105L-AQ DIOTEC-NUP2105L-AQ Datasheet
191Kb / 2P
ESD Protection Diodes in SMD
More results


Similar Description - NUP2105L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com