Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA05393 Datasheet (PDF) - Golledge Electronics Ltd

MA05393 Datasheet PDF - Golledge Electronics Ltd
Part # MA05393
Download  MA05393 Download
File Size   342.72 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 70.0MHz

MA05393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA05393 Datasheet PDF - Golledge Electronics Ltd

Part # MA05393
Download  MA05393 Click to download

File Size   342.72 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 70.0MHz

MA05393 Datasheet (HTML) - Golledge Electronics Ltd


MA05393 Product details

MAXIMUM RATING:
1. Input Power Level: +20dBm
2. Operating Temperature: -30°C to +80°C
3. Storage Temperature: -40°C to +85°C




Similar Part No. - MA05393

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05390 GOLLEDGE-MA05390 Datasheet
183Kb / 4P
772.420 MHz SAW Resonator
MA05391 GOLLEDGE-MA05391 Datasheet
95Kb / 4P
IF SAW Filter Low-Loss 70MHz (BW=16 MHz)
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
MA05394 GOLLEDGE-MA05394 Datasheet
93Kb / 3P
70 MHz IF SAW Filter - Low loss
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
280 MHz SAW Filter for WLAN
More results


Similar Description - MA05393

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
70.0MHz SAW Filter
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
SAW Filter 70.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
SAW Filter 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
SAW Filter 70.0MHz
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
SAW Filter 70.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com