Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA05391 Datasheet (PDF) - Golledge Electronics Ltd

MA05391 Datasheet PDF - Golledge Electronics Ltd
Part # MA05391
Download  MA05391 Download
File Size   95.36 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description IF SAW Filter Low-Loss 70MHz (BW=16 MHz)

MA05391 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA05391 Datasheet PDF - Golledge Electronics Ltd

Part # MA05391
Download  MA05391 Click to download

File Size   95.36 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description IF SAW Filter Low-Loss 70MHz (BW=16 MHz)

MA05391 Datasheet (HTML) - Golledge Electronics Ltd


MA05391 Product details

Maximum Rating:
1. Input Power Level: +20 dBm
2. Operating Temperature: -10°C to +70°C
3. Storage Temperature: -40°C to +85°C




Similar Part No. - MA05391

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05390 GOLLEDGE-MA05390 Datasheet
183Kb / 4P
772.420 MHz SAW Resonator
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
MA05393 GOLLEDGE-MA05393 Datasheet
342Kb / 5P
SAW Filter 70.0MHz
MA05394 GOLLEDGE-MA05394 Datasheet
93Kb / 3P
70 MHz IF SAW Filter - Low loss
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
280 MHz SAW Filter for WLAN
More results


Similar Description - MA05391

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0228A TAI-SAW-TB0228A Datasheet
380Kb / 4P
70MHz IF SAW Filter (BW=1.4 MHz)
TB0193A TAI-SAW-TB0193A Datasheet
422Kb / 5P
Low Loss 70MHz SAW IF Filter (BW=7MHz)
TB0194A TAI-SAW-TB0194A Datasheet
422Kb / 4P
Low Loss 70MHz SAW IF Filter (BW=5MHz)
TB0195A TAI-SAW-TB0195A Datasheet
385Kb / 4P
Low-Loss 70MHz IF SAW Filter (BW=3.0MHz)
TB0213A TAI-SAW-TB0213A Datasheet
434Kb / 5P
Low-Loss 70MHz IF SAW Filter (BW=9 MHz)
TB0214A TAI-SAW-TB0214A Datasheet
438Kb / 4P
Low-Loss 70MHz IF SAW Filter (BW=16 MHz)
TB0227A TAI-SAW-TB0227A Datasheet
360Kb / 4P
70MHz IF SAW Filter (BW=1.1 MHz)
TB0474A TAI-SAW-TB0474A Datasheet
246Kb / 7P
70MHz IF SAW Filter (BW=35 MHz)
logo
Golledge Electronics Lt...
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
MA04600 GOLLEDGE-MA04600 Datasheet
88Kb / 3P
IF SAW Filter 70MHz Low loss
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com