Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7143 Datasheet (PDF) - NTE Electronics

7143 Datasheet PDF - NTE Electronics
Part # 7143
Download  7143 Download
File Size   29.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 20W

7143 Datasheet (PDF)

Go To PDF Page Download Datasheet
7143 Datasheet PDF - NTE Electronics

Part # 7143
Download  7143 Click to download

File Size   29.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 20W

7143 Datasheet (HTML) - NTE Electronics


7143 Product details

Description:
The NTE7143 is a monolithic power amplifier in a 5–Lead TO220 type package offering very low distortion and high quality performance for consumer audio applications.
This device delivers 20W into a 4Ω or 8Ω load on ±25V supplies. Using an 8Ω load and ±30V supplies, over 30W of power may be delivered. The amplifier is designed to operate with a minimum of external components. Device overload protection consists of both internal current limit and thermal shutdown.

Features:
● Up to 30W Output Power
● AVO Typically 90dB
● Low Distortion: 0.015%, 1kHz, 20W
● Wide Power Bandwidth: 70kHz
● Protection for AC and DC Short Circuits to GND
● Thermal Protection with Parole Circuit
● High Current Capability: 4A
● Wide Supply Range: 16V – 60V
● Internal Output Protection Diodes
● 94dB Ripple Rejection

Applications:
● High Performance Audio Systems
● Bridge Amplifiers
● Stereo Phonographs
● Servo Amplifiers
● Instrument Systems




Similar Part No. - 7143

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
7143 CONNOR-WINFIELD-7143 Datasheet
251Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
7143 ETC2-7143 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Coto Technology
7143 COTO-7143 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Connor-Winfield Corpora...
7143-12.288M CONNOR-WINFIELD-7143-12.288M Datasheet
251Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
Molex Electronics Ltd.
71430-0004 MOLEX8-71430-0004 Datasheet
431Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
More results


Similar Description - 7143

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
20W Audio Power Amplifier
logo
NTE Electronics
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
Integrated Circuit 20W Audio Power Amplifier Circuit
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
20W Audio Power Amplifier
MAY 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com