Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2258 Datasheet (PDF) - ON Semiconductor

FSA2258 Datasheet PDF - ON Semiconductor
Part # FSA2258
Download  FSA2258 Download
File Size   645.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage, Dual-SPDT Analog Switch

FSA2258 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2258 Datasheet PDF - ON Semiconductor

Part # FSA2258
Download  FSA2258 Click to download

File Size   645.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage, Dual-SPDT Analog Switch

FSA2258 Datasheet (HTML) - ON Semiconductor


FSA2258 Product details

Description
The FSA2258 is a high-performance, dual, Single Pole Double Throw (SPDT) analog switch that features low RON of 0.8Ω (typical) at 3.0V VCC. The FSA2258 operates over a wide VCC range of 1.65V to 4.3V and is designed for break-before-make operation. The select input is TTL-level compatible.

Features
■ 0.8Ω Typical On Resistance (RON) for +3.0V Supply
■ 0.40Ω Maximum RON Flatness for +3.0V Supply
■ -3db Bandwidth: > 50MHz
■ Low ICCT Current Over an Expanded Control Input Range
■ Packaged in 10-Lead MicroPak™ (1.6 x 2.1mm)
■ Power-Off Protection on Common Ports
■ Broad VCC Operating Range: 1.65V to 4.30V
■ HBM JEDEC: JESD22-A114
    - I/O to GND: 9kV
    - Power to GND: 16kV

Applications
■ Cell Phone, PDA, Digital Camera, and Notebook
■ LCD Monitor, TV, and Set-Top Box




Similar Part No. - FSA2258

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2258L10X FAIRCHILD-FSA2258L10X Datasheet
849Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2258L10X FAIRCHILD-FSA2258L10X Datasheet
696Kb / 10P
Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258_12 Datasheet
696Kb / 10P
Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
More results


Similar Description - FSA2258

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467 Datasheet
397Kb / 11P
0.4W Low Voltage Dual SPDT Analog Switch
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com