Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2259 Datasheet (PDF) - ON Semiconductor

FSA2259 Datasheet PDF - ON Semiconductor
Part # FSA2259
Download  FSA2259 Download
File Size   205.65 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage,Dual-SPDT Analog Switch

FSA2259 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2259 Datasheet PDF - ON Semiconductor

Part # FSA2259
Download  FSA2259 Click to download

File Size   205.65 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage,Dual-SPDT Analog Switch

FSA2259 Datasheet (HTML) - ON Semiconductor


FSA2259 Product details

Description
The FSA2259 is a high-performance, dual, Single Pole Double Throw (SPDT) analog sw itch that features low RON of 0.8Ω (typical) at 3.0V VCC. The FSA2259 operates over a w ide VCC range of 1.65V to 4.4V and is designed for break-before-make operation. The select input is TTL-level compatible.

Features
■ 0.8Ω Typical On Resistance (RON) for +3.0V Supply
■ 0.40Ω Maximum RON Flatness for +3.0V Supply
■ -3db Bandw idth: > 50MHz
■ Low ICCT Current Over an Expanded Control Input Range
■ Packaged in 10-Lead UMLP (1.4 x 1.8mm)
■ Pow er-Off Protection on Common Ports
■ Broad VCC Operating Range: 1.65 to 4.4V
■ ESD HBM JEDEC: JESD22-A114
    - I/O to GND: 8.5kV
    - Pow er to GND: 16.0kV

Applications
■ Cell Phone, PDA, Digital Camera, and Notebook
■ LCD Monitor, TV, and Set-Top Box




Similar Part No. - FSA2259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2259 FAIRCHILD-FSA2259 Datasheet
543Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2259UMX FAIRCHILD-FSA2259UMX Datasheet
543Kb / 10P
Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
More results


Similar Description - FSA2259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467 Datasheet
397Kb / 11P
0.4W Low Voltage Dual SPDT Analog Switch
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com