Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU10N180 Datasheet (PDF) - MagnaChip Semiconductor.

MDU10N180 Datasheet PDF - MagnaChip Semiconductor.
Part # MDU10N180
Download  MDU10N180 Download
File Size   986.23 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)

MDU10N180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDU10N180 Datasheet PDF - MagnaChip Semiconductor.

Part # MDU10N180
Download  MDU10N180 Click to download

File Size   986.23 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)

MDU10N180 Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDU10N180

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU10N070RH MGCHIP-MDU10N070RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 53A, 7.4mΩ
Jul. 2021. Ver. 1.4
More results


Similar Description - MDU10N180

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
March 1999
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDD1904 MGCHIP-MDD1904 Datasheet
1,023Kb / 6P
Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com