| Electronic Components Datasheet Search |
|
MDU10N070RH Datasheet (PDF) - MagnaChip Semiconductor. |
MDU10N070RH Datasheet (PDF) |
|
Download Datasheet |
| Part # | MDU10N070RH |
| Download | MDU10N070RH Click to download |
| File Size | 1227.23 Kbytes |
| Page | 6 Pages |
| Manufacturer | MGCHIP [MagnaChip Semiconductor.] |
| Direct Link | http://www.magnachip.co.kr |
| Logo | |
| Description | Single N-channel Trench MOSFET 100V, 53A, 7.4mΩ |
MDU10N070RH Datasheet (HTML) - MagnaChip Semiconductor. |
MDU10N070RH Product details |
|
Similar Part No. - MDU10N070RH |
|
Similar Description - MDU10N070RH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |