Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE727 Datasheet (PDF) - NTE Electronics

NTE727 Datasheet PDF - NTE Electronics
Part # NTE727
Download  NTE727 Download
File Size   25.31 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Four Independent AC Amplifiers

NTE727 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE727 Datasheet PDF - NTE Electronics

Part # NTE727
Download  NTE727 Click to download

File Size   25.31 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Four Independent AC Amplifiers

NTE727 Datasheet (HTML) - NTE Electronics


NTE727 Product details

Description:

The NTE727 is a silicon monolithic integrated circuit in a 16–Lead DIP type package consisting of four independent identical AC amplifiers which can operate from a single–ended power supply. The amplifiers include internal DC bias and feedback to provide temperature–stabilized operation. They may be used in a wide variety of AC applications in which operational amplifiers have previously been used. Each high gain amplifier has a high impedance non–inverting input, and a lower impedance inverting input for the application of feedback. Two power–supply terminals and two ground terminals are provided to reduce internal and external coupling between amplifiers.



Features:

• Four AC Amplifiers on a Common Substrate

• Independently Accessible Inputs and Outputs

• Operates from a Single–Ended Supply

• Noise Figure (Each Amp): 2dB Typ @ 1kHz

• High Voltage Gain (Each Amp): 53dB Min

• High Input Resistance (Each Amp): 90kΩ Typ

• Undistorted Output Voltage (Each Amp): 2Vrms Min

• Output Impedance (Each Amp): 1kΩ Typ

• Open–Loop Bandwidth (Each Amp): 300kHz Typ



Applications:

• Multi–Channel or Cascade Operation

• Low–Level Preamplifiers

• Equalizers

• Linear Signal Mixers

• Tone Generators

• Multivibrators

• AC Intergrators



 




Similar Part No. - NTE727

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE72 NTE-NTE72 Datasheet
25Kb / 2P
Silicon NPN Transistor High Current Amp, Fast Switch
NTE7200 NTE-NTE7200 Datasheet
44Kb / 2P
Intergrated Circuit FM Stereo Transmitter
NTE7208 NTE-NTE7208 Datasheet
66Kb / 4P
Integrated Circuit Constant Current Single Output LED Driver
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE722 NTE-NTE722 Datasheet
22Kb / 2P
Integrated Circuit FM Stereo Multiplex Decoder
More results


Similar Description - NTE727

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
NTE799 NTE-NTE799 Datasheet
20Kb / 2P
Integrated Circuit Four Channel ?쏶Q??Decoder
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
NTE Electronics
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
Integrated Circuit Dual, Independent Transistor Array, Differential Amp
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
consists of four independent voltage comparators
logo
STMicroelectronics
AN4291 STMICROELECTRONICS-AN4291 Datasheet
2Mb / 53P
STEVAL385LED4CH: four independent high brightness LED
12-Jun-2013
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
Four independent operating channels
logo
Tyco Electronics
SSRQ MACOM-SSRQ Datasheet
124Kb / 2P
Four independent AC output solid state relays in one standard package
logo
Shaoxing Devechip Micro...
SDP393 SDC-SDP393 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
logo
Jingjing Microelectroni...
EG324 EGMICRO-EG324 Datasheet
823Kb / 16P
Four-dImensIonal independent operation amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com