| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
2835655
|
123Kb / 4P |
Analog IN-motherboard for S7-300, to hold PI-C-UI-UI-AI, mounting on NS 32, or NS 35/7.5.
|
|
2906487
|
83Kb / 3P |
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
|
|
2955564
|
123Kb / 4P |
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
|
|
2956660
|
50Kb / 2P |
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
|
|
2959353
|
59Kb / 3P |
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
|
|
2959382
|
69Kb / 3P |
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
|
|
2970031
|
84Kb / 3P |
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
|
|
2302382
|
132Kb / 4P |
VARIOFACE module, with two equipotential busbars (P1, P2) for potential distribution, for mounting on NS 35/7.5 or NS 32
|
|
2700775
|
578Kb / 16P |
Analog module - IB IL AO 2/UI-PAC
Dec 8, 2022 |
|
2701389
|
510Kb / 16P |
Analog module - IB IL AO 2/UI-XC-PAC
Dec 8, 2022 |