Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701389 Datasheet (PDF) - PHOENIX CONTACT

2701389 Datasheet PDF - PHOENIX CONTACT
Part # 2701389
Download  2701389 Download
File Size   510.01 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/UI-XC-PAC

2701389 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701389 Datasheet PDF - PHOENIX CONTACT

Part # 2701389
Download  2701389 Click to download

File Size   510.01 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/UI-XC-PAC

2701389 Datasheet (HTML) - PHOENIX CONTACT


2701389 Product details

Inline, Analog output terminal, Analog outputs: 2, 0 V ... 10 V, -10 V ... 10 V, 0 mA ... 20 mA, 4
mA ... 20 mA, -20 mA ... 20 mA, connection technology: 2-conductor, transmission speed in the
local bus: 500 kbps, Extreme conditions version, degree of protection: IP20, including Inline
connector and labeling field

Your advantages
• 2 analog output channels
• Connection of actuators in 2-conductor technology
• Current ranges: 0 mA ... 20 mA, 4 mA ... 20 mA, ±20 mA
• Voltage ranges: 0 V ... 10 V, ±10 V
• Can be used under extreme ambient conditions
• Extended temperature range of -40 °C ... +70 °C (see “Tested successfully: use under extreme ambient conditions” in the data sheet)
• Coated PCBs




Similar Part No. - 2701389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701380 PHOENIX-2701380 Datasheet
42Kb / 2P
Mounting material - HMI WALL MOUNTING KIT
2701383 PHOENIX-2701383 Datasheet
51Kb / 2P
Battery / accumulator - HMI BATTERY
09/12/2020
2701384 PHOENIX-2701384 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 4
2701385 PHOENIX-2701385 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 6
2701387 PHOENIX-2701387 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 8
More results


Similar Description - 2701389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861315 PHOENIX-2861315 Datasheet
166Kb / 6P
IB IL AO 1/SF-PAC
2861467 PHOENIX-2861467 Datasheet
165Kb / 6P
IB IL AO 2/U/BP-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
106145 PHOENIX-106145 Datasheet
171Kb / 8P
IB IL 24 DO 2-2A-XC-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
2700775 PHOENIX-2700775 Datasheet
578Kb / 16P
Analog module - IB IL AO 2/UI-PAC
Dec 8, 2022
2701213 PHOENIX-2701213 Datasheet
460Kb / 12P
Digital module - IB IL 24 DO8/HD-XC-PAC
Dec 9, 2022
2702134 PHOENIX-2702134 Datasheet
520Kb / 15P
Special function module - IB IL CNT-XC-PAC
Dec 9, 2022
2863083 PHOENIX-2863083 Datasheet
578Kb / 13P
Analog module - IB IL AO 2/SF-PAC
Dec 8, 2022
2862194 PHOENIX-2862194 Datasheet
586Kb / 13P
Analog module - IB IL AO 2/SF-2MBD-PAC
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com