Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2702134 Datasheet (PDF) - PHOENIX CONTACT

2702134 Datasheet PDF - PHOENIX CONTACT
Part # 2702134
Download  2702134 Download
File Size   520.36 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - IB IL CNT-XC-PAC

2702134 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702134 Datasheet PDF - PHOENIX CONTACT

Part # 2702134
Download  2702134 Click to download

File Size   520.36 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - IB IL CNT-XC-PAC

2702134 Datasheet (HTML) - PHOENIX CONTACT


2702134 Product details

Inline counter terminal, version for extreme conditions, complete with accessories (connectors
and marking fields), 1 counter input, 1 control input, 1 output, 24 V DC, 500 mA, 3-conductor
connection technology

Product Description
The terminal is designed for use within an Inline station. The counter terminal acquires and processes fast pulse sequences from sensors. It has a
counter input (source), a control input (gate), and a switching output that can be freely parameterized. The switching output is set independently of
the terminal. Fast response times can therefore be achieved, which are independent of both the bus and controller. The terminal can be operated in
four different operating modes: frequency measurement, event counting, time measurement, and pulse generation (pulse generator). Thanks to
special engineering measures and tests, the terminal can be used under extreme ambient conditions.

Your advantages
• 1 counter input
• 1 control input
• 1 freely parameterizable switching output
•Four operating modes: event counting, time or state-controlled frequency measurement, time measurement (period or pulse length), and pulse
generator
• Processing of 5 V or 24 V signals
• Input frequency of up to 100 kHz
• 16-bit counter value for time measurement
• 24-bit counter value for event counting and frequency measurement
• Can be used under extreme ambient conditions
• Extended temperature range of -40 °C ... +70 °C (see “Tested successfully: use under extreme ambient conditions” in the data sheet)
• Coated PCBs




Similar Part No. - 2702134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
2702136 PHOENIX-2702136 Datasheet
243Kb / 6P
Antenna - ANT-OMNI-868-01
12/24/2021
2702137 PHOENIX-2702137 Datasheet
787Kb / 16P
Antenna - ANT-DIR-868-01
Dec 6, 2022
2702139 PHOENIX-2702139 Datasheet
81Kb / 9P
Router - FL MGUARD RS2000 TX/TX-B
More results


Similar Description - 2702134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
IB IL CNT-PAC
8461 PHOENIX-8461 Datasheet
178Kb / 7P
IB IL 24 DI8/HD-XC-PAC
8462 PHOENIX-8462 Datasheet
188Kb / 8P
IB IL 24 DO8/HD-XC-PAC
8499 PHOENIX-8499 Datasheet
169Kb / 9P
IB IL 24 PWR IN/R-XC-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
2701389 PHOENIX-2701389 Datasheet
510Kb / 16P
Analog module - IB IL AO 2/UI-XC-PAC
Dec 8, 2022
2701212 PHOENIX-2701212 Datasheet
463Kb / 12P
Digital module - IB IL 24 DI8/HD-XC-PAC
Dec 9, 2022
2701213 PHOENIX-2701213 Datasheet
460Kb / 12P
Digital module - IB IL 24 DO8/HD-XC-PAC
Dec 9, 2022
2819765 PHOENIX-2819765 Datasheet
328Kb / 10P
Special function module - IB IL INC-IN-2MBD-PAC
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com