Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701213 Datasheet (PDF) - PHOENIX CONTACT

2701213 Datasheet PDF - PHOENIX CONTACT
Part # 2701213
Download  2701213 Download
File Size   460.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DO8/HD-XC-PAC

2701213 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701213 Datasheet PDF - PHOENIX CONTACT

Part # 2701213
Download  2701213 Click to download

File Size   460.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DO8/HD-XC-PAC

2701213 Datasheet (HTML) - PHOENIX CONTACT


2701213 Product details

Inline, Digital output terminal, Digital outputs: 8, 24 V DC, connection technology: 1-conductor,
Extreme conditions version, transmission speed in the local bus: 500 kbps, degree of protection:
IP20, including Inline connector and labeling field

Product Description
The terminal is designed for use within an Inline station. It is used to output digital signals. Thanks to special engineering measures and tests, the
terminal can be used under extreme ambient conditions.

Your advantages
• 8 digital outputs
• Connection of actuators in 1-conductor technology
• Nominal current per output: 500 mA
• Total current of the terminal: 4 A
• Short-circuit and overload-protected outputs
• Can be used under extreme ambient conditions
• Extended temperature range of -40 °C ... +70 °C (see “Tested successfully: use under extreme ambient conditions” in the data sheet)
• Coated PCBs




Similar Part No. - 2701213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701212 PHOENIX-2701212 Datasheet
463Kb / 12P
Digital module - IB IL 24 DI8/HD-XC-PAC
Dec 9, 2022
2701215 PHOENIX-2701215 Datasheet
81Kb / 5P
Sensor supply with channel-specific integrated short-circuit and overload protection
2701216 PHOENIX-2701216 Datasheet
74Kb / 4P
Absolute and differential temperature measurement (configurable)
2701217 PHOENIX-2701217 Datasheet
57Kb / 4P
Inline analog input terminal, extreme conditions version, complete with accessories (connector plug and labeling field), 2 inputs, RTD (resistance temperature detector), 2, 3, 4-conductor connection technology
2701219 PHOENIX-2701219 Datasheet
84Kb / 5P
Inline analog output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 1 output, 0 - 20 mA, 4 - 20 mA, 0 - 10 V, 2-conductor connection technology
More results


Similar Description - 2701213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
IB IL 24 DI 32/HD-PAC
8461 PHOENIX-8461 Datasheet
178Kb / 7P
IB IL 24 DI8/HD-XC-PAC
8462 PHOENIX-8462 Datasheet
188Kb / 8P
IB IL 24 DO8/HD-XC-PAC
8463 PHOENIX-8463 Datasheet
207Kb / 11P
IB IL 24/48 DOR 2/W-XC-PAC
8499 PHOENIX-8499 Datasheet
169Kb / 9P
IB IL 24 PWR IN/R-XC-PAC
106145 PHOENIX-106145 Datasheet
171Kb / 8P
IB IL 24 DO 2-2A-XC-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
2700172 PHOENIX-2700172 Datasheet
137Kb / 9P
Inline terminal - IB IL 24 DO8/HD-PAC
09/12/2020
2701212 PHOENIX-2701212 Datasheet
463Kb / 12P
Digital module - IB IL 24 DI8/HD-XC-PAC
Dec 9, 2022
2702134 PHOENIX-2702134 Datasheet
520Kb / 15P
Special function module - IB IL CNT-XC-PAC
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com