Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2862194 Datasheet (PDF) - PHOENIX CONTACT

2862194 Datasheet PDF - PHOENIX CONTACT
Part # 2862194
Download  2862194 Download
File Size   586.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/SF-2MBD-PAC

2862194 Datasheet (PDF)

Go To PDF Page Download Datasheet
2862194 Datasheet PDF - PHOENIX CONTACT

Part # 2862194
Download  2862194 Click to download

File Size   586.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - IB IL AO 2/SF-2MBD-PAC

2862194 Datasheet (HTML) - PHOENIX CONTACT


2862194 Product details

Inline, Analog output terminal, Analog outputs: 2, 0 V ... 10 V, 0 mA ... 20 mA, 4 mA ... 20 mA,
connection technology: 2-conductor, transmission speed in the local bus: 2 Mbps, degree of
protection: IP20, including Inline connectors and marking fields

Your advantages
• Short update time of < 1 ms
• Short-circuit-proof current outputs
• Bipolar outputs
• Measured value acquisition with a resolution of 16 bits




Similar Part No. - 2862194

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862136 PHOENIX-2862136 Datasheet
152Kb / 5P
IB IL 24 PWR IN/2-F-PAC
2862149 PHOENIX-2862149 Datasheet
155Kb / 5P
IB IL AI 2-HART-PAC
2862152 PHOENIX-2862152 Datasheet
148Kb / 5P
IB IL 24 PWR IN/2-F-D-PAC
2862165 PHOENIX-2862165 Datasheet
108Kb / 5P
Bus coupler - IBS IL 24 BK-LK/45-PAC
2862178 PHOENIX-2862178 Datasheet
155Kb / 6P
IB IL 24/230 DOR1/W-PC-PAC
More results


Similar Description - 2862194

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861315 PHOENIX-2861315 Datasheet
166Kb / 6P
IB IL AO 1/SF-PAC
2861412 PHOENIX-2861412 Datasheet
285Kb / 35P
IB IL AI 8/SF(-2MBD)-PAC
2861467 PHOENIX-2861467 Datasheet
165Kb / 6P
IB IL AO 2/U/BP-PAC
2862042 PHOENIX-2862042 Datasheet
134Kb / 6P
IB IL AI 8/SF-2MBD-PAC
2878052 PHOENIX-2878052 Datasheet
223Kb / 5P
IB IL AO 4/8/U/BP-2MBD-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
2700775 PHOENIX-2700775 Datasheet
578Kb / 16P
Analog module - IB IL AO 2/UI-PAC
Dec 8, 2022
2701389 PHOENIX-2701389 Datasheet
510Kb / 16P
Analog module - IB IL AO 2/UI-XC-PAC
Dec 8, 2022
2863083 PHOENIX-2863083 Datasheet
578Kb / 13P
Analog module - IB IL AO 2/SF-PAC
Dec 8, 2022
2878735 PHOENIX-2878735 Datasheet
582Kb / 17P
Analog module - IB IL SGI 2/F-2MBD-PAC
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com