| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
1404414
|
66Kb / 4P |
AS-Interface distributor with IP65/IP67/IP69k degree of protection for 1 flat-ribbon conductor, with a straight, A-coded, 2-pos. M12 socket
|
|
1404427
|
63Kb / 3P |
AS-Interface distributor with IP65/IP67/IP69k degree of protection for 2 flat-ribbon conductors, with a straight, Acoded, 4-pos. M12 socket
|
|
1404430
|
99Kb / 4P |
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
|
|
1404443
|
99Kb / 4P |
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
|
|
1404469
|
102Kb / 4P |
AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
|
|
1404498
|
60Kb / 3P |
AS-Interface distributor with IP20 degree of protection for two flat-ribbon conductors, with spring-cage terminal blocks for four litz wires up to 1.5 mm짼
|
|
1404508
|
58Kb / 3P |
AS-Interface H distributor with IP65/IP67/IP69k degree of protection, for distribution from one to two flat-ribbon conductors
|
|
1407573
|
104Kb / 4P |
AS-Interface distributor with a high degree of protection, for a branch from one flat-ribbon conductor to a 1.0 m PUR round cable with straight M12-SPEEDCON socket
|
|
1433155
|
63Kb / 3P |
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with a straight, A-coded, 2-pos. M12 socket
|
|
1433168
|
61Kb / 3P |
AS-Interface distributor with IP67 protection for 1 flat-ribbon conductor, 2-pos., with screw connection, angled
|