Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404481 Datasheet (PDF) - PHOENIX CONTACT

1404481 Datasheet PDF - PHOENIX CONTACT
Part # 1404481
Download  1404481 Download
File Size   513.6 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M 8MSB/ 1,5-115/M 8FSB - Sensor/actuator cable

1404481 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404481 Datasheet PDF - PHOENIX CONTACT

Part # 1404481
Download  1404481 Click to download

File Size   513.6 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M 8MSB/ 1,5-115/M 8FSB - Sensor/actuator cable

1404481 Datasheet (HTML) - PHOENIX CONTACT


1404481 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, Plug straight M8,
coding: B, on Socket straight M8, coding: B, cable length: 1.5 m.

Your advantages
• Easy and safe: 100 % electrically tested plug-in components




Similar Part No. - 1404481

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404480 PHOENIX-1404480 Datasheet
521Kb / 15P
SAC-5P-M 8MSB/ 0,6-115/M 8FSB - Sensor/actuator cable
1404485 PHOENIX-1404485 Datasheet
102Kb / 4P
AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
More results


Similar Description - 1404481

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412278 PHOENIX-1412278 Datasheet
86Kb / 4P
Sensor/Actuator cable - SAC-5P- 6,0-115/M12FSB
1415945 PHOENIX-1415945 Datasheet
85Kb / 4P
Sensor/Actuator cable - SAC-5P- 1,5-PVC/AD-2L
1224223 PHOENIX-1224223 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-5P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224229 PHOENIX-1224229 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-5P-P12MR/ 1,5-PUR/P12FS
01/13/2022
1404039 PHOENIX-1404039 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/1,5-600 HD
09/11/2020
1415552 PHOENIX-1415552 Datasheet
154Kb / 12P
Sensor/actuator cable - SAC-4P- 1,5-PVC/M 8FR
09/11/2020
1415683 PHOENIX-1415683 Datasheet
148Kb / 11P
Sensor/actuator cable - SAC-5P- 1,5-PVC/M12FS
09/11/2020
1415582 PHOENIX-1415582 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/1,5-PVC/M 8FR
09/11/2020
1669738 PHOENIX-1669738 Datasheet
148Kb / 12P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M 8FR
09/11/2020
1476899 PHOENIX-1476899 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com