Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2700982 Datasheet (PDF) - PHOENIX CONTACT

2700982 Datasheet PDF - PHOENIX CONTACT
Part # 2700982
Download  2700982 Download
File Size   52.93 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector set - AXL CNS 4L-O/D/UI/E1

2700982 Datasheet (PDF)

Go To PDF Page Download Datasheet
2700982 Datasheet PDF - PHOENIX CONTACT

Part # 2700982
Download  2700982 Click to download

File Size   52.93 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector set - AXL CNS 4L-O/D/UI/E1

2700982 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2700982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700982 PHOENIX-2700982 Datasheet
214Kb / 11P
Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
More results


Similar Description - 2700982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700980 PHOENIX-2700980 Datasheet
51Kb / 2P
Connector set - AXL CNS 8L-ORBG/D/UI/E1/E2
2700983 PHOENIX-2700983 Datasheet
53Kb / 2P
Connector set - AXL CNS 4L-O/D/UO1/UO2/E1
2700984 PHOENIX-2700984 Datasheet
53Kb / 2P
Connector set - AXL CNS 4L-O/D/UA/E1/E2
2700985 PHOENIX-2700985 Datasheet
52Kb / 2P
Connector set - AXL CNS 2L-O/D/UI/E1/E2
2700986 PHOENIX-2700986 Datasheet
53Kb / 2P
Connector set - AXL CNS 2L-O/D/UO/E1
2700987 PHOENIX-2700987 Datasheet
52Kb / 2P
Connector set - AXL CNS 2L-OBOB/D/UO/E1
2701728 PHOENIX-2701728 Datasheet
52Kb / 2P
Axioline F connector set (for e.g., AXL F DI64/1 2F)
2702614 PHOENIX-2702614 Datasheet
51Kb / 1P
Connector set - AXL CNS 4L-O/D/UI 2H
1182185 PHOENIX-1182185 Datasheet
347Kb / 9P
I/O module - AXL SE INC1 ASYM
12/24/2021
1182190 PHOENIX-1182190 Datasheet
412Kb / 8P
I/O module - AXL SE RTD4 PT1000
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com