Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA220121M Datasheet (PDF) - Cree, Inc

PTFA220121M Datasheet PDF - Cree, Inc
Part # PTFA220121M
Download  PTFA220121M Download
File Size   955.14 Kbytes
Page   21 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz

PTFA220121M Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFA220121M Datasheet PDF - Cree, Inc

Part # PTFA220121M
Download  PTFA220121M Click to download

File Size   955.14 Kbytes
Page   21 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz

PTFA220121M Datasheet (HTML) - Cree, Inc


PTFA220121M Product details

Description
The PTFA220121M is an unmatched 12-watt LDMOS FET intended for power amplifier applications in the 700 to 2200 MHz. This LDMOS device offers excellent gain, efficiency and linearity performance in a small overmolded plastic package.

Features
• Typical two-carrier WCDMA performance at
   2140 MHz, 8 dB PAR
   - POUT = 33 dBm Avg
   - ACPR = –45.5 dBc
• Typical two-carrier WCDMA performance at
   877 MHz, 8 dB PAR
   - POUT = 33 dBm Avg
   - ACPR = –44.5 dBc
• Typical CW performance, 2140 MHz, 28 V
   - POUT = 41.6 dBm
   - Efficiency = 53.5%
   - Gain = 15.5 dB
• Typical CW performance, 877 MHz, 28 V
   - POUT = 41.8 dBm
   - Efficiency = 60%
   - Gain = 19.9 dB
• Capable of handling 10:1 VSWR @ 28 V, 12 W
   (CW) output power
• Integrated ESD protection
• Excellent thermal stability
• Pb-free and RoHS compliant




Similar Part No. - PTFA220121M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
PTFA220121M INFINEON-PTFA220121M Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220121MV4R1K INFINEON-PTFA220121MV4R1K Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220121MV4R1KV4XUMA1 INFINEON-PTFA220121MV4R1KV4XUMA1 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
More results


Similar Description - PTFA220121M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220081M INFINEON-PTFA220081M Datasheet
1Mb / 17P
High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Rev. 04, 2010-06-09
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270051M INFINEON-PTFC270051M Datasheet
293Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Cree, Inc
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com