Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFC270101M Datasheet (PDF) - Cree, Inc

PTFC270101M Datasheet PDF - Cree, Inc
Part # PTFC270101M
Download  PTFC270101M Download
File Size   970.43 Kbytes
Page   22 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz

PTFC270101M Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFC270101M Datasheet PDF - Cree, Inc

Part # PTFC270101M
Download  PTFC270101M Click to download

File Size   970.43 Kbytes
Page   22 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz

PTFC270101M Datasheet (HTML) - Cree, Inc


PTFC270101M Product details

Description
The PTFC270101M is an unmatched 10-watt LDMOS FET suitable for power amplifier applications with frequencies from 900 MHz to 2700 MHz. This LDMOS transistor offers excellent gain, efficiency and linearity performance in a small overmolded plastic package.

Features
• Unmatched input and output
• Typical CW performance, 2170 MHz, 28 V
   - Output power @ P1dB = 10 W
   - Gain = 20 dB
   - Efficiency = 60%
• Typical two-carrier WCDMA performance, 2170
   MHz, 28 V, 8 dB PAR
   - Output power = 1.3 W avg
   - Gain = 21 dB
   - Efficiency = 21%
   - ACPR = –44.9 dBc @ 5 MHz
•     Capable of handling 10:1 VSWR @ 28 V, 10 W
   (CW) output power
• Integrated ESD protection
• Pb-free and RoHS compliant




Similar Part No. - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFC270101M INFINEON-PTFC270101M Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
logo
WOLFSPEED, INC.
PTFC270101M WOLFSPEED-PTFC270101M Datasheet
933Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
PTFC270101M-V1-R1K WOLFSPEED-PTFC270101M-V1-R1K Datasheet
933Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
logo
Infineon Technologies A...
PTFC270101MV1R1K INFINEON-PTFC270101MV1R1K Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
More results


Similar Description - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270051M INFINEON-PTFC270051M Datasheet
293Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
logo
WOLFSPEED, INC.
PTFC270101M WOLFSPEED-PTFC270101M Datasheet
933Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com