Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFC270101M Datasheet (PDF) - WOLFSPEED, INC.

PTFC270101M Datasheet PDF - WOLFSPEED, INC.
Part # PTFC270101M
Download  PTFC270101M Download
File Size   933.41 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz

PTFC270101M Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFC270101M Datasheet PDF - WOLFSPEED, INC.

Part # PTFC270101M
Download  PTFC270101M Click to download

File Size   933.41 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz

PTFC270101M Datasheet (HTML) - WOLFSPEED, INC.


PTFC270101M Product details

Description
The PTFC270101M is an unmatched 10-watt LDMOS FET suitable
for power amplifier applications with frequencies from 900 MHz to
2700 MHz. This LDMOS transistor offers excellent gain, efficiency
and linearity performance in a small overmolded plastic package
Features
• Unmatched input and output
• Typical CW performance, 2170 MHz, 28 V
- Output power @ P1dB = 10 W
- Gain = 20 dB
- Efficiency = 60%
• Typical two-carrier WCDMA performance, 2170 MHz, 28
V, 8 dB PAR
- Output power = 1.3 W avg
- Gain = 21 dB
- Efficiency = 21%
- ACPR = –44.9 dBc @ 5 MHz
• Capable of handling 10:1 VSWR @ 28 V, 10 W (CW)
output power
• Integrated ESD protection
• Pb-free and RoHS compliant




Similar Part No. - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFC270101M INFINEON-PTFC270101M Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
logo
Cree, Inc
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
logo
Infineon Technologies A...
PTFC270101MV1R1K INFINEON-PTFC270101MV1R1K Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270101MV1R1KXUMA1 INFINEON-PTFC270101MV1R1KXUMA1 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
More results


Similar Description - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFC270051M INFINEON-PTFC270051M Datasheet
293Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com