Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7001-02MA Datasheet (PDF) - OKI electronic componets

ML7001-02MA Datasheet PDF - OKI electronic componets
Part # ML7001-02MA
Download  ML7001-02MA Download
File Size   144.88 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

ML7001-02MA Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7001-02MA Datasheet PDF - OKI electronic componets

Part # ML7001-02MA
Download  ML7001-02MA Click to download

File Size   144.88 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

ML7001-02MA Datasheet (HTML) - OKI electronic componets


ML7001-02MA Product details

GENERAL DESCRIPTION

The ML7000/ML7001 are single-channel CMOS CODEC LSI devices for voice signals ranging from 300 to 3400 Hz with filters for A/D and D/A conversion. Designed especially for a single-power supply and low-power applications, the devices are optimized for ISDN terminals, digital wireless systems, and digital PBXs. The devices use the same transmission clocks as those used in the MSM7507. With the differential analog signal outputs which can drive 60 W load, the devices can directly drive a handset receiver.





FEATURES

• Single power supply: +5 V (ML7000-xx)

                              +3 V (ML7001-xx)

• Low power consumption

Operating mode: 25 mW Typ. VDD = 5.0 V (ML7000-xx)

                       20 mW Typ. VDD = 3.0 V (ML7001-xx)

Power-down mode: 0.05 mW Typ. VDD = 5.0 V (ML7000-xx)

                          0.03 mW Typ. VDD = 3.0 V (ML7001-xx)

• Conforms to ITU-T Companding law

      ML7000-01/ML7001-01: m/A-law pin selectable

      ML7000-02/ML7001-02: m-law

     ML7000-03/ML7001-03: A-law

• Transmission characteristics conform to ITU-T G.714

• Short frame sync timing operation

• Built-in PLL eliminates a master clock

• Serial data rate: 64/96/128/192/200/256/384/512/768/1024/1536/1544/2048 kHz

• Adjustable transmit gain

• Adjustable receive gain

• Built-in reference voltage supply

• Package options:

24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: ML7000-01MA/ML7001-01MA)

                                                   (Product name: ML7000-02MA/ML7001-02MA)

                                                (Product name: ML7000-03MA/ML7001-03MA)

20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name: ML7000-01MB/ML7001-01MB)

                                                (Product name: ML7000-02MB/ML7001-02MB)

                                                  (Product name: ML7000-03MB/ML7001-03MB)




Similar Part No. - ML7001-02MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
OKI electronic componet...
ML7005MB OKI-ML7005MB Datasheet
202Kb / 25P
DTMF Transceiver
More results


Similar Description - ML7001-02MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com