Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554 Datasheet (PDF) - ON Semiconductor

PCA9554 Datasheet PDF - ON Semiconductor
Part # PCA9554
Download  PCA9554 Download
File Size   103.68 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-bit I2C and SMBus I/O Port

PCA9554 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9554 Datasheet PDF - ON Semiconductor

Part # PCA9554
Download  PCA9554 Click to download

File Size   103.68 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-bit I2C and SMBus I/O Port

PCA9554 Datasheet (HTML) - ON Semiconductor


PCA9554 Product details

Description
The PCA9554 is a CMOS device that provides 8−bit parallel input/output port expansion for I2C and SMBus compatible applications. This I/O expander provides a simple solution in applications where additional I/Os are needed: sensors, power switches, LEDs, pushbuttons, and fans.
The PCA9554 consist of an input port register, an output port register, a configuration register, a polarity inversion register and an I2C/SMBus−compatible serial interface.
Any of the eight I/Os can be configured as an input or output by writing to the configuration register. The system master can invert the PCA9554 input data by writing to the active−high polarity inversion register.
The PCA9554 features an active low interrupt output which indicates to the system master that an input state has changed.
The device’s extended addressing capability allows up to 8 devices to share the same bus.

Features
• 400 kHz I2C Bus Compatible (Note 1)
• 2.3 V to 5.5 V Operation
• Low Standby Current
• 5 V Tolerant I/Os
• 8 I/O Pins that Default to Inputs at Power−up
• High Drive Capability
• Individual I/O Configuration
• Polarity Inversion Register
• Active Low Interrupt Output
• Internal Power−on Reset
• No Glitch on Power−up
• Noise Filter on SDA/SCL Inputs
• Cascadable up to 8 Devices
• Industrial Temperature Range
• 16−lead TSSOP Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• White Goods (dishwashers, washing machines)
• Handheld Devices (cell phones, PDAs, digital cameras)
• Data Communications (routers, hubs and servers)




Similar Part No. - PCA9554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554 NXP-PCA9554 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9554 TI1-PCA9554 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9554A PHILIPS-PCA9554A Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
More results


Similar Description - PCA9554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
4-bit I2C and SMBus I/O port
2004 Aug 20
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com