Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCA9554
Description  8-bit I2C and SMBus I/O Port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9554 Datasheet(HTML) 3 Page - ON Semiconductor

  PCA9554 Datasheet HTML 1Page - ON Semiconductor PCA9554 Datasheet HTML 2Page - ON Semiconductor PCA9554 Datasheet HTML 3Page - ON Semiconductor PCA9554 Datasheet HTML 4Page - ON Semiconductor PCA9554 Datasheet HTML 5Page - ON Semiconductor PCA9554 Datasheet HTML 6Page - ON Semiconductor PCA9554 Datasheet HTML 7Page - ON Semiconductor PCA9554 Datasheet HTML 8Page - ON Semiconductor PCA9554 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PCA9554
www.onsemi.com
3
Table 4. D.C. OPERATING CHARACTERISTICS (VCC = 2.3 to 5.5 V; TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLIES
VCC
Supply voltage
2.3
−
5.5
V
ICC
Supply current
Operating mode; VCC = 5.5 V;
no load; fSCL = 100 kHz
−
104
175
mA
Istbl
Standby current
Standby mode; VCC = 5.5 V; no load;
VI = VSS; fSCL = 0 kHz; I/O = inputs
−
550
700
mA
Istbh
Standby current
Standby mode; VCC = 5.5 V; no load;
VI = VCC; fSCL = 0 kHz; I/O = inputs
−
0.25
1
mA
VPOR
Power−on reset voltage
No load; VI = VCC or VSS
−
1.5
1.65
V
SCL, SDA, INT
VIL (Note 4)
Low level input voltage
−0.5
−
0.3 x VCC
V
VIH (Note 4)
High level input voltage
0.7 x VCC
−
5.5
V
IOL
Low level output current
VOL = 0.4 V
3
−
−
mA
IL
Leakage current
VI = VCC or VSS
−1
−
+1
mA
CI (Note 5)
Input capacitance
VI = VSS
−
−
6
pF
CO (Note 5)
Output capacitance
VO = VSS
−
−
8
pF
A0, A1, A2
VIL (Note 4)
Low level input voltage
−0.5
−
0.8
V
VIH (Note 4)
High level input voltage
2.0
−
5.5
V
ILI
Input leakage current
−1
−
1
mA
I/Os
VIL
Low level input voltage
−0.5
−
0.8
V
VIH
High level input voltage
2.0
−
5.5
V
IOL
Low level output current
VOL = 0.5 V; VCC = 2.3 V (Note 6)
8
10
−
mA
VOL = 0.7 V; VCC = 2.3 V (Note 6)
10
13
−
mA
VOL = 0.5 V; VCC = 4.5 V (Note 6)
8
17
−
mA
VOL = 0.7 V; VCC = 4.5 V (Note 6)
10
24
−
mA
VOL = 0.5 V; VCC = 3.0 V (Note 6)
8
14
−
mA
VOL = 0.7 V; VCC = 3.0 V (Note 6)
10
19
−
mA
VOH
High level output
voltage
IOH = −8 mA; VCC = 2.3 V (Note 7)
1.8
−
−
V
IOH = −10 mA; VCC = 2.3 V (Note 7)
1.7
−
−
V
IOH = −8 mA; VCC = 3.0 V (Note 7)
2.6
−
−
V
IOH = −10 mA; VCC = 3.0 V (Note 7)
2.5
−
−
V
IOH = −8 mA; VCC = 4.75 V (Note 7)
4.1
−
−
V
IOH = −10 mA; VCC = 4.75 V (Note 7)
4.0
−
−
V
IIH
Input leakage current
VCC = 3.6 V; VI = VCC
−
−
1
mA
IIL
Input leakage current
VCC = 5.5 V; VI = VSS
−
−
−100
mA
CI (Note 5)
Input capacitance
−
−
5
pF
CO (Note 5)
Output capacitance
−
−
8
pF
4. VIL min and VIH max are reference values only and are not tested.
5. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
6. The total current sunk by all I/Os must be limited to 100 mA and each I/O limited to 25 mA maximum.
7. The total current sourced by all I/Os must be limited to 85 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com