Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3724G Datasheet (PDF) - Integrated Circuit Systems

MK3724G Datasheet PDF - Integrated Circuit Systems
Part # MK3724G
Download  MK3724G Download
File Size   156.48 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO PLUS AUDIO CLOCK FOR STB

MK3724G Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3724G Datasheet PDF - Integrated Circuit Systems

Part # MK3724G
Download  MK3724G Click to download

File Size   156.48 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO PLUS AUDIO CLOCK FOR STB

MK3724G Datasheet (HTML) - Integrated Circuit Systems


MK3724G Product details

Description
The MK3724 is a low cost, low jitter, high performance VCXO and PLL clock synthesizer designed to replace expensive discrete VCXOs and multipliers. The patented on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3.3 V input voltage to cause the output clocks to vary by ±115 ppm. Using ICS’ analog/digital Phase-Locked Loop (PLL) techniques, the device uses an inexpensive 27 MHz pullable crystal input to produce a reference output and a selectable audio clock.

Features
• Packaged in 16-pin TSSOP
• Available in Pb free packaging
• Replaces a VCXO and oscillator
• Operating voltage of 3.3 V
• Provides output of 27 MHz plus audio clock
• Uses an inexpensive 27 MHz pullable crystal
• On-chip patented VCXO with pull range of 230 ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• Advanced, low power, sub-micron CMOS process
• Industrial temperature range available
• For other standard audio frequencies see the MK3722




Similar Part No. - MK3724G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3724GILF RENESAS-MK3724GILF Datasheet
385Kb / 9P
VCXO PLUS AUDIO CLOCK FOR STB
051310
MK3724GILFTR RENESAS-MK3724GILFTR Datasheet
385Kb / 9P
VCXO PLUS AUDIO CLOCK FOR STB
051310
MK3724GLF RENESAS-MK3724GLF Datasheet
385Kb / 9P
VCXO PLUS AUDIO CLOCK FOR STB
051310
MK3724GLFTR RENESAS-MK3724GLFTR Datasheet
385Kb / 9P
VCXO PLUS AUDIO CLOCK FOR STB
051310
More results


Similar Description - MK3724G

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3722 ICST-MK3722 Datasheet
91Kb / 6P
VCXO PLUS AUDIO CLOCK FOR STB
Revision 092502
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
logo
Integrated Circuit Syst...
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Integrated Device Techn...
MK3722 IDT-MK3722 Datasheet
184Kb / 7P
VCXO PLUS AUDIO CLOCK FOR STB Packaged in 16-pin TSSOP
logo
Renesas Technology Corp
MK3722 RENESAS-MK3722 Datasheet
344Kb / 8P
VCXO PLUS AUDIO CLOCK FOR STB
051310
MK3724 RENESAS-MK3724 Datasheet
385Kb / 9P
VCXO PLUS AUDIO CLOCK FOR STB
051310
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
DTV, STB CLOCK SOURCE
111307
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com