Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3724G Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # MK3724G
Description  VCXO PLUS AUDIO CLOCK FOR STB
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3724G Datasheet(HTML) 7 Page - Integrated Circuit Systems

  MK3724G Datasheet HTML 1Page - Integrated Circuit Systems MK3724G Datasheet HTML 2Page - Integrated Circuit Systems MK3724G Datasheet HTML 3Page - Integrated Circuit Systems MK3724G Datasheet HTML 4Page - Integrated Circuit Systems MK3724G Datasheet HTML 5Page - Integrated Circuit Systems MK3724G Datasheet HTML 6Page - Integrated Circuit Systems MK3724G Datasheet HTML 7Page - Integrated Circuit Systems MK3724G Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VCXO PLUS AUDIO CLOCK FOR STB
MDS 3724 C
7
Revision 121904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
MK3724
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week
number that the part was assembled.
3. “L” designates Pb (lead) free.
4. Bottom mark denotes country of origin if not USA.
Non Lead-Free
Lead-Free
Industrial Temp., Lead-Free
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
1
8
9
16
MK3724G
######
YYWW
1
8
9
16
MK3724GL
######
YYWW
1
8
9
16
MK3724IL
######
YYWW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com