Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518222 Datasheet (PDF) - OKI electronic componets

MSM518222 Datasheet PDF - OKI electronic componets
Part # MSM518222
Download  MSM518222 Download
File Size   182.6 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 8-Bit Field Memory

MSM518222 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM518222 Datasheet PDF - OKI electronic componets

Part # MSM518222
Download  MSM518222 Click to download

File Size   182.6 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 8-Bit Field Memory

MSM518222 Datasheet (HTML) - OKI electronic componets


MSM518222 Product details

DESCRIPTION
The OKI MSM518222 is a high performance 2-Mbit, 256K x 8-bit, Field Memory. It is designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. The 2-Mbit capacity fits one field of a conventional NTSC TV screen. Two cascaded MSM518222s make one frame of the screen: two or more MSM518222s can be cascaded directly without any delay devices between them. (Cascading provides larger storage depth or a longer delay).

FEATURES
• Single power supply : 5 V ±10%
• 512 Rows x 512 Columns x 8 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
    Read/write cycle time 25 ns/30 ns/40 ns
    Access time 25 ns/25 ns/30 ns
• Direct cascading capability
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options :
    28-pin 400 mil plastic ZIP (ZIP28-P-400-1.27) (Product : MSM518222-xxZS)
    28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM518222-xxJS)
    28-pin 430 mil plastic SOP (SOP28-P-430-1.27-K) (Product : MSM518222-xxGS-K)
                                                                                         xx indicates speed rank.




Similar Part No. - MSM518222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM518222A-25JS OKI-MSM518222A-25JS Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM518222A-25ZS OKI-MSM518222A-25ZS Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM518222A-30GS-K OKI-MSM518222A-30GS-K Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM518222A-30JS OKI-MSM518222A-30JS Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
More results


Similar Description - MSM518222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
262144-word x 8-bit x 3-FIELD MEMORY
logo
OKI electronic componet...
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com