Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V8221A Datasheet (PDF) - OKI electronic componets

MSM51V8221A Datasheet PDF - OKI electronic componets
Part # MSM51V8221A
Download  MSM51V8221A Download
File Size   200.27 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 8-Bit Field Memory

MSM51V8221A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM51V8221A Datasheet PDF - OKI electronic componets

Part # MSM51V8221A
Download  MSM51V8221A Click to download

File Size   200.27 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 8-Bit Field Memory

MSM51V8221A Datasheet (HTML) - OKI electronic componets


MSM51V8221A Product details

DESCRIPTION
The OKI MSM51V8221A is a high performance 2-Mbit, 256K x 8-bit, Field Memory. It is designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity TVs and VTRs, exclusively. The MSM51V8221A is not designed for the other use or high end use in medical systems, professional graphics systems which require long term picture, and data storage systems and others. The 2-Mbit capacity fits one field of a conventional NTSC TV screen.

FEATURES
• Single power supply : 3.3 V ±0.3 V
• 512 Rows x 512 Columns x 8 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
    Read/write cycle time 30 ns/40 ns
    Access time 30 ns/35 ns
• Functional compatibility with OKI MSM51V4221C
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options :
    28-pin 400 mil plastic ZIP (ZIP28-P-400-1.27) (Product : MSM51V8221A-xxZS)
    28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM51V8221A-xxJS)
    28-pin 430 mil plastic SOP (SOP28-P-430-1.27-K) (Product : MSM51V8221A-xxGS-K)
                                                                                      xx indicates speed rank.




Similar Part No. - MSM51V8221A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
More results


Similar Description - MSM51V8221A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
262144-word x 8-bit x 3-FIELD MEMORY
logo
OKI electronic componet...
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com