Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385-2.5 Datasheet (PDF) - Analog Intergrations Corporation

LM385-2.5 Datasheet PDF - Analog Intergrations Corporation
Part # LM385-2.5
Download  LM385-2.5 Download
File Size   120.18 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Micropower Voltage Reference

LM385-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM385-2.5 Datasheet PDF - Analog Intergrations Corporation

Part # LM385-2.5
Download  LM385-2.5 Click to download

File Size   120.18 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Micropower Voltage Reference

LM385-2.5 Datasheet (HTML) - Analog Intergrations Corporation


LM385-2.5 Product details

DESCRIPTION

The LM385-2.5 is a micropower 2-terminal band gap voltage  reference, which can  operate  in  a 20mA to 20mA current range, they feature exce ptionally low dynamic impedance and good te mperature stability. On-chip trimming is used to achieve tight voltage tolerance. Since the LM385-2.5 bandgap reference uses only transistors and resistors, low noise and good long-term stability result.



FEATURES

l  Operating Current from 20mA to 20mA.

l  Low Temperature Coefficient.

l  1% and 2% Initial Tolerance.

l  Low Dynamic Impedance.



APPLICATIONS

l  Portable, Battery-Powered Equipment.

l  Instrumentation.

l  Process Control.

l  Energy Management.

l  Product Testing.

l  Automotive.

l  Precision Audio Components.




Similar Part No. - LM385-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM385-2.5 NSC-LM385-2.5 Datasheet
742Kb / 13P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
logo
Linear Technology
LM385-2.5 LINER-LM385-2.5 Datasheet
147Kb / 8P
Micropower Voltage Reference
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
More results


Similar Description - LM385-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com