Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196C Datasheet (PDF) - List of Unclassifed Manufacturers

EL5196C Datasheet PDF - List of Unclassifed Manufacturers
Part # EL5196C
Download  EL5196C Download
File Size   223.24 Kbytes
Page   15 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single 400MHz Fixed Gain Amplifier with Enable

EL5196C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5196C Datasheet PDF - List of Unclassifed Manufacturers

Part # EL5196C
Download  EL5196C Click to download

File Size   223.24 Kbytes
Page   15 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single 400MHz Fixed Gain Amplifier with Enable

EL5196C Datasheet (HTML) - List of Unclassifed Manufacturers


EL5196C Product details

[Elantec]

General Description
The EL5196C and the EL5196AC are fixed gain amplifiers with a bandwidth of 400MHz, making these amplifiers ideal for today’s high speed video and monitor applications. These amplifiers feature internal gain setting resistors and can be configured in a gain of +1, -1 or +2. The same bandwidth is seen in both gain-of-1 and gain-of-2 applications.

Features
• Gain selectable (+1, -1, +2)
• 400MHz -3dB BW (AV = 1, 2)
• 9mA supply current
• Fast enable/disable (EL5196AC only)
• Single and dual supply operation, from 5V to 10V
• Available in SOT23 packages
• Triple (EL5396C) available
• 200MHz, 4mA product available (EL5197C, EL5397C)

Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5196C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5196CS ELANTEC-EL5196CS Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5196CS-T13 ELANTEC-EL5196CS-T13 Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5196CS-T7 ELANTEC-EL5196CS-T7 Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5196CW-T13 ELANTEC-EL5196CW-T13 Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
More results


Similar Description - EL5196C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
January 22, 2004
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com