Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EL5196C
Description  Single 400MHz Fixed Gain Amplifier with Enable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EL5196C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EL5196C Datasheet HTML 3Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 4Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 5Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 6Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 7Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 8Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 9Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 10Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
EL5196C, EL5196AC
Single 400MHz Fixed Gain Amplifier with Enable
Typical Performance Curves
1
Frequency (MHz)
10
100
10
0
2
4
6
8
Output Voltage Swing vs Frequency
THD<0.1%
AV=2
Output Voltage Swing vs Frequency
THD<1%
1
Frequency (MHz)
10
100
200
10
0
2
4
6
8
RL=500
Ω
RL=150
Ω
Small Signal Step Response
Settling Time vs Settling Accuracy
25
20
15
10
0
0.01
0.1
1
Settling Accuracy (%)
5
AV=2
RL=150
Ω
VSTEP=5VP-P output
200mV/div
10ns/div
Large Signal Step Response
1V/div
10ns/div
Transimpedance (RoI) vs Temperature
375
350
325
300
275
250
225
200
-40
10
60
110
160
Die Temperature (°C)
AV=2
RL=150
Ω
RL=500
Ω
VS=±5V
RL=150
Ω
AV=2
VS=±5V
RL=150
Ω
AV=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com