Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54V32126 Datasheet (PDF) - OKI electronic componets

MSM54V32126 Datasheet PDF - OKI electronic componets
Part # MSM54V32126
Download  MSM54V32126 Download
File Size   303.17 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM54V32126 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM54V32126 Datasheet PDF - OKI electronic componets

Part # MSM54V32126
Download  MSM54V32126 Click to download

File Size   303.17 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM54V32126 Datasheet (HTML) - OKI electronic componets


MSM54V32126 Product details

DESCRIPTION
The MSM54V32126/8 is a new generation Graphics DRAM organized in a 131,072-word · 32-bit configuration. The technology used to fabricate the MSM54V32126/8 is OKIs CMOS silicon gate process technology. The device operates with a single 3.3 V power supply.

FEATURES
• 131,072-word · 32-bit organization
• Single 3.3 V power supply, ±0.3 V tolerance
• Refresh: 512 cycles/8 ms
• Fast Page Mode with Extended Data Out (EDO)
• Write per bit (MSM54V32128 only)
• Byte write, Byte read
• RAS only refresh
• CAS before RAS refresh
• CAS before RAS self-refresh
• Hidden refresh
• Package:
    64-pin 525 mil plastic SSOP (SSOP64-P-525-0.80-K) (Product : MSM54V32126-xxGS-K)
                                                                                          (Product : MSM54V32128-xxGS-K)
                                                                                          xx indicates speed rank.




Similar Part No. - MSM54V32126

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45GS-K OKI-MSM54V32126A-45GS-K Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45TS-K OKI-MSM54V32126A-45TS-K Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50GS-K OKI-MSM54V32126A-50GS-K Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50TS-K OKI-MSM54V32126A-50TS-K Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM54V32126

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com