Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518128 Datasheet (PDF) - OKI electronic componets

MSM518128 Datasheet PDF - OKI electronic componets
Part # MSM518128
Download  MSM518128 Download
File Size   217.3 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM518128 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM518128 Datasheet PDF - OKI electronic componets

Part # MSM518128
Download  MSM518128 Click to download

File Size   217.3 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM518128 Datasheet (HTML) - OKI electronic componets


MSM518128 Product details

DESCRIPTION
The MSM518128/L is a 131,072-word x 8-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM518128/L achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer metal CMOS process. The MSM518128/L is available in a 26/24-pin plastic SOJ. The MSM518128L (the low-power version) is specially designed for lower-power applications.

FEATURES
• 131,072-word x 8-bit configuration
• Single 5 V power supply, ±5% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 512 cycles/8 ms, 512 cycles/64 ms (L-version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package:
    26/24-pin 300 mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM518128/L-xxJS)
                                                                                      xx indicates speed rank.




Similar Part No. - MSM518128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518121A OKI-MSM518121A Datasheet
356Kb / 33P
131,072-Word X 8-Bit Multiport DRAM
MSM518121A-10 OKI-MSM518121A-10 Datasheet
356Kb / 33P
131,072-Word X 8-Bit Multiport DRAM
MSM518121A-10JS OKI-MSM518121A-10JS Datasheet
356Kb / 33P
131,072-Word X 8-Bit Multiport DRAM
MSM518121A-10ZS OKI-MSM518121A-10ZS Datasheet
356Kb / 33P
131,072-Word X 8-Bit Multiport DRAM
MSM518121A-70 OKI-MSM518121A-70 Datasheet
356Kb / 33P
131,072-Word X 8-Bit Multiport DRAM
More results


Similar Description - MSM518128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com