Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5919B Datasheet (PDF) - Anova Technologies CO., LTD.

1N5919B Datasheet PDF - Anova Technologies CO., LTD.
Part # 1N5919B
Download  1N5919B Download
File Size   240.79 Kbytes
Page   3 Pages
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.
Description Axial Lead Zener Diodes

1N5919B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5919B Datasheet PDF - Anova Technologies CO., LTD.

Part # 1N5919B
Download  1N5919B Click to download

File Size   240.79 Kbytes
Page   3 Pages
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.
Description Axial Lead Zener Diodes

1N5919B Datasheet (HTML) - Anova Technologies CO., LTD.


1N5919B Product details

VZ: 5.6 to 200 V
PD: 1.5 W

Features
● Glass passivated chip
● Low leakage
● Built-in strain relief
● Low inductance
● High peak reverse power dissipation
● Lead (Pb)-free component
● For use in stabilizing and clipping circuits
   with high power rating

Mechanical Data
● Case: Molded plastic
● Epoxy: UL 94V-0 rate flame retardant
● Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed
● Polarity: Color band denotes cathode end
● Mounting position: Any




Similar Part No. - 1N5919B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5919B JGD-1N5919B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Microsemi Corporation
1N5919B MICROSEMI-1N5919B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
logo
Central Semiconductor C...
1N5919B CENTRAL-1N5919B Datasheet
53Kb / 1P
ZENER DIODES
logo
Microsemi Corporation
1N5919B MICROSEMI-1N5919B Datasheet
227Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
1N5919B MICROSEMI-1N5919B Datasheet
226Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
More results


Similar Description - 1N5919B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
AXIAL LEAD ZENER DIODES
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
Axial Lead Zener Diodes
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
Axial Lead Zener Diodes
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
Axial Lead Zener Diodes
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
Axial Lead Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com