Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9000B Datasheet (PDF) - OKI electronic componets

MSM9000B Datasheet PDF - OKI electronic componets
Part # MSM9000B
Download  MSM9000B Download
File Size   223.78 Kbytes
Page   38 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DOT MATRIX LCD CONTROLLER

MSM9000B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9000B Datasheet PDF - OKI electronic componets

Part # MSM9000B
Download  MSM9000B Click to download

File Size   223.78 Kbytes
Page   38 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DOT MATRIX LCD CONTROLLER

MSM9000B Datasheet (HTML) - OKI electronic componets


MSM9000B Product details

GENERAL DESCRIPTION

The MSM9000B-xx is a dot-matrix LCD control driver which has functions of displaying 12 (5 x 7 dots) characters (2 lines) and 120-dot arbitrators. The MSM9000B-xx is provided with a 16-dot common driver, 60-dot segment driver, Display Data RAM (DDRAM), and Character Generator ROM (CGROM). This device can be controlled with commands entered through the serial interface or parallel interface.

The font data in the CGROM can be changed by mask option. Since the MSM9000B-xx has an LCD driving bias generator circuit, LCD bias voltages can be obtained by merely providing a required capacitance externally.

The MSM9000B-xx is applicable to a variety of LCD panels by controlling the contrast.



FEATURES

• Logic voltage(VDD):  2.5 to 3.3 V

• LCD driving voltage(VBI) :  3.0 to 5.5 V

• Low current consumption:   35 mA max.(operating)

• Switchable between 8-bit serial interface and 8-bit parallel interface

• Contains a 16-dot common driver and a 60-dot segment driver

• Contains CGROM with character fonts of (5 x 7 dots) x 256

• Built-in bias voltage generator circuit

• Built-in contrast adjusting circuit

• Built-in 32.768 kHz crystal oscillator circuit

• Provided with 120 dot arbitrators

• 1/9 duty mode (1 line : characters, 2 lines : arbitrators)

  1/16 duty mode (2 lines : characters, 2 lines : arbitrators)

• Character blink operation can be switched between all-character lighting-on mode and all

character lighting-off mode.

• Package:

TCP mounting with 35 mm wide film ; Tin-plated (Product name : MSM9000B-xx AV-Z-xx)

                                                                 Chip (Product name : MSM9000B-xx)

                                              xx indicates code number.




Similar Part No. - MSM9000B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-02 OKI-MSM9004-02 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
More results


Similar Description - MSM9000B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
DOT MATRIX LCD CONTROLLER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
Dot Matrix LCD Controller Specification
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
Dot Matrix LCD Controller Specification
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com