Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N5 Datasheet (PDF) - Teccor Electronics

L2N5 Datasheet PDF - Teccor Electronics
Part # L2N5
Download  L2N5 Download
File Size   168.19 Kbytes
Page   8 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Sensitive Triacs (0.8A to 8A)

L2N5 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2N5 Datasheet PDF - Teccor Electronics

Part # L2N5
Download  L2N5 Click to download

File Size   168.19 Kbytes
Page   8 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Sensitive Triacs (0.8A to 8A)

L2N5 Datasheet (HTML) - Teccor Electronics


L2N5 Product details

General Description
Teccors line of sensitive gate triacs includes devices with current capabilities through 8 A. Voltage ranges are available from 200 V to 600 V. This line features devices with guaranteed gate control in Quadrants II and IV as well as control in the commonly used Quadrants I and III. Four-quadrant control devices require sensitive gate triacs. They can be controlled by digital circuitry where positive-only or negative-only pulses must control AC current in both directions through the device. Note that triacs with low IGT values in Quadrants II and IV will have lower dv/dt characteristics.
   
Features
• Electrically-isolated packages
• Glass-passivated junctions ensure long device
    reliability and parameter stability
• Voltage capability — up to 600 V
• Surge capability — up to 80 A
• Four-quadrant gating guaranteed
   
Compak Sensitive Gate Triac
• Surface mount package — 0.8 A and 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
    devices per reel
• Can replace SOT-223
   




Similar Part No. - L2N5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2N5 LITTELFUSE-L2N5 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L2N5 TECCOR-L2N5 Datasheet
178Kb / 8P
Electrically-isolated packages
logo
Littelfuse
L2N5 LITTELFUSE-L2N5 Datasheet
176Kb / 8P
Sensitive Triacs
L2N5 LITTELFUSE-L2N5 Datasheet
176Kb / 8P
RoHS Compliant
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
Amplifier Transistors PNP Silicon
More results


Similar Description - L2N5

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
0.8A SENSITIVE SCRs
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
0.8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
0.8A Sensitive SCRs
JST130 JIEJIE-JST130 Datasheet
349Kb / 5P
0.8A TRIACs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com